|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NMF SERIES Isolated 1W Regulated Single Output DC-DC Converters SELECTION GUIDE Nominal Input Voltage Output Voltage Output Current Power Out MTTF1 Order Code NMF0505S NMF0509S NMF0512S NMF0515S NMF1205S (V) 5 5 5 5 12 12 12 12 24 24 24 24 48 48 48 48 (V) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 (mA) 100 100 83 67 100 100 83 67 100 100 83 67 100 100 83 67 (mW) 500 900 1000 1000 500 900 1000 1000 500 900 1000 1000 500 900 1000 1000 (%) 50 62 62 62 50 62 62 62 50 62 62 62 50 62 62 62 (pF) 28 32 33 39 48 63 68 69 84 106 132 152 54 75 92 109 kHrs 1307 825 512 316 456 379 290 218 843 613 422 279 200 283 162 135 SIP SIP SIP SIP FEATURES s Output Regulation <1.5% s Controllable Output s 1kVDC Isolation s Single Isolated Output s SIP & DIP Package Styles s Efficiency to 62% s Power Density 0.85W/cm 3 s 5V, 12V, 24V & 48V Input s 5V, 9V, 12V & 15V Output s Footprint from 1.17cm 2 s UL 94V-0 Package Material s No Heatsink Required s SMD Construction s Toroidal Magnetics s Fully Encapsulated s No External Components s MTTF up to 2.4 Million hours s PCB Mounting s Custom Solutions Available NMF1209S NMF1212S NMF1215S NMF2405S NMF2409S NMF2412S NMF2415S NMF4805S NMF4809S NMF4812S NMF4815S When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the additional external capacitance for reliable start up. INPUT CHARACTERISTICS Parameter Conditions MIN TYP MAX Units Voltage Range Continuous Continuous Continuous Continuous operation, operation, operation, operation, 5V input types 12V input types 24V input types 48V input types 4.75 11.4 22.8 45.6 5 12 24 48 5.25 12.6 25.2 50.4 V OUTPUT CHARACTERISTICS DESCRIPTION The NMF series of DC-DC Converters is used where a tightly regulated supply is required. They are ideal for situations where the input voltage is not tightly controlled. The output control pin makes the device particularly suitable for Flash PROM applications where an on/off controlled voltage source is required. Parameter Conditions MIN TYP MAX Units Rated Power2 Line Regulation Load Regulation Ripple & Noise TA= 0C to 70C High V IN to low V IN 10% load to rated load, 5V output types BW=DC to 20MHz, all output types 1 0.25 0.9 60 1.5 W %/% % mVp-p ABSOLUTE MAXIMUM RATINGS Short-circuit duration 3 Internal power dissipation Lead temperature 1.5mm from case for 10 seconds Input voltage V IN , NMF05 types Input voltage V IN , NMF12 types Input voltage V IN , NMF24 types Input voltage V IN , NMF48 types 1 second 450mW 300C 7V 15V 28V 54V 1 Calculated using MIL-HDBK-217F with nominal input voltage at full load. 2 See derating curve 3 Supply voltage must be discontinued at the end of the short circuit duration. 4 Replace suffix "S" with "D" for DIP package style. All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified. www.dc-dc.com NMF SERIES Isolated 1W Regulated Single Output DC-DC Converters ISOLATION CHARACTERISTICS Parameter Conditions MIN TYP MAX Units PIN CONNECTIONS 1000 0.1 VDC G 14 Pin DIP PIN 1 GND 9 +V REG 10 CTRL 11 0V 14 VIN 7 Pin SIP PIN 1 VIN 2 GND 4 0V 5 CTRL 6 +V REG Isolation Test Voltage Resistance Flash tested for 1 second Viso=500VDC GENERAL CHARACTERISTICS Parameter Conditions MIN TYP MAX Units Switching Frequency All input types 80 kHz TEMPERATURE CHARACTERISTICS Parameter Conditions MIN TYP MAX Units Specification Storage Cooling All output types Free air convection 0 -55 70 150 C C PERFORMANCE CHARACTERISTICS 2.0 1.5 1.0 0.5 0 -40 0 50 70 100 125 150 Ambient Temperature (C) Safe Operating Area temperature derating graph MECHANICAL DIMENSIONS 14 Pin DIP Weight: 2.9g 19.50 NMF1205D 9.80 6.80* 7.62 4.10 7.62 0.500.05 1 YYWW 14 1 10 9 1 12.70 2.00 0.250.05 0.500.05 7 Pin SIP Weight: 2.3g 19.50 6.00* * 10.0 NMF1212S YYWW 1.25 12.70 0.250.05 * 7.70 for 48V input variants ** 7.50 for 48V input variants All dimensions in mm XX.XX 0.25mm. All pins on a 2.54mm pitch and within 0.25mm of true position. 4.10 12 4 2.54 5 6 0.500.05 C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2001 NDC NMF.3 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax:+44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com C&D Technologies (NCL), Inc. 5816 Creedmoor Road, Raleigh NC 27612, USA Tel: +1 (919) 571-9405 Fax: +1 (919) 571-9262 email: info@us.cdtechno-ncl.com |
Price & Availability of NMF0505S |